PART |
Description |
Maker |
MG300Q2YS65H |
300 A, 1200 V, N-CHANNEL IGBT IGBT Module Silicon N Channel IGBT High Power & High Speed Switching Applications TOSHIBA IGBT Module Silicon N Channel IGBT
|
Toshiba Semiconductor Toshiba Corporation
|
IXGT40N60B2 IXGH40N60B2 |
IGBT Discretes: Mid-Frequency Range (15KHz-40KHz) Types Single IGBT 75 A, 600 V, N-CHANNEL IGBT, TO-268AA HiPerFAST IGBT
|
IXYS Corporation
|
HGT1S10N12 HGT1S10N120BNS HGTP10N120BN HGTG10N120B |
From old datasheet system 35A 1200V NPT Series N-Channel IGBT 35A/ 1200V/ NPT Series N-Channel IGBT 36 MACROCELL 3.3 VOLT ISP CPLD 35 A, 1200 V, N-CHANNEL IGBT, TO-247 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, N-CHANNEL IGBT
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
MG800J2YS50A |
IGBT Module Silicon N Channel IGBT High Power Switching Applications Motor Control Applications TOSHIBA IGBT Module Silicon N Channel IGBT
|
Toshiba Semiconductor
|
IXSH45N120B IXSH45B120B IXST45B120B |
High Voltage IGBT S Series - Improved SCSOA Capability IGBT Discretes: Low Saturation Voltage Types High Voltage IGBT(VCES200V,VCE(sat).0V的高电压绝缘栅双极晶体管) 75 A, 1200 V, N-CHANNEL IGBT, TO-247AD 1200V high voltage IGBT
|
IXYS Corporation IXYS, Corp.
|
IXGR40N60B2 |
60 A, 600 V, N-CHANNEL IGBT ISOPLUS 247, 3 PIN IGBT Discretes: Mid-Frequency Range (15KHz-40KHz) Types Single IGBT
|
IXYS, Corp.
|
HGTP1N120BN HGTD1N120BNS HGTD1N120BNS9A |
5.3A, 1200V, NPT Series N-Channel IGBT 5.3A, 1200V, NPT Series N-Channel IGBT 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 2.7A I(C) | TO-252AA 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MG600Q1US61 |
TOSHIBA IGBT Module Silicon N Channel IGBT GTR Module Silicon N Channel IGBT High Power Switching Applications Motor Control Applications
|
Toshiba Semiconductor
|
RJH60D0DPK RJH60D0DPK-00-T0 |
Silicon N Channel IGBT Application: Inverter 40 A, 600 V, N-CHANNEL IGBT
|
Renesas Electronics Corporation
|
FGB20N6S2 FGH20N6S2 FGP20N6S2 FGB20N6S2T |
28 A, 600 V, N-CHANNEL IGBT, TO-263AB TO-263AB, 3 PIN 600V/ SMPS II Series N-Channel IGBT 600V, SMPS II Series N-Channel IGBT, TO-263/D2PAK Package
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|